Part Number Hot Search : 
2SK0762A KBL005G 1N5606 TDA8380A 68HC0 CX1622 1N400 1T417
Product Description
Full Text Search
 

To Download FSUSB4008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Click here for this datasheet translated into Chinese!
FSUSB40 -- Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
September 2008
FSUSB40 -- Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
Features
Low On Capacitance: 5.9pF Typical Low On Resistance: 3.9 Typical Low Power Consumption: 1A Maximum
Description
The FSUSB40 is a bi-directional, low-power, two-port, Hi-Speed, USB2.0 switch. Configured as a double-pole, double-throw switch (DPDT) switch, it is optimized for switching between two Hi-Speed (480Mbps) sources or a Hi-Speed and Full-Speed (12Mbps) source. The FSUSB40 is compatible with the requirements of USB2.0 and features an extremely low on capacitance (CON) of 5.9pF. The wide bandwidth of this device (720MHz) exceeds the bandwidth needed to pass the third harmonic, resulting in signals with minimum edge and phase distortion. Superior channel-to-channel crosstalk also minimizes interference. The FSUSB40 contains special circuitry on the switch I/O pins for applications where the VCC supply is powered-off (VCC=0), which allows the device to withstand an over-voltage condition. This device is designed to minimize current consumption even when the control voltage applied to the SEL pin is lower than the supply voltage (VCC). This feature is especially valuable to ultra-portable applications, such as cell phones, allowing for direct interface with the generalpurpose I/Os of the baseband processor. Other applications include switching and connector sharing in portable cell phones, PDAs, digital cameras, printers, and notebook computers.
- 15A Maximum ICCT over an Expanded Voltage
Range (VIN=1.8V, VCC=4.3V) Wide -3db Bandwidth: > 720MHz Packaged in:
- 10-Lead MicroPakTM (1.6 x 2.1mm) - 10-Lead UMLP (1.4 x 1.8mm)
8kV ESD Rating, >16kV Power/GND ESD Rating Power-Off Protection on All Ports When VCC=0V
- D+/D- Pins Tolerate up to 5.25V
Over-Voltage Tolerance (OVT) on all USB Ports Up to 5.25V without External Components
Applications
Cell phone, PDA, Digital Camera, and Notebook LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact analogswitch@fairchildsemi.com.
Ordering Information
Part Number Top Mark
FSUSB40L10X FSUSB40UMX HD HC
Operating Temperature Range
-40 to +85C -40 to +85C
Package
10-Lead MicroPakTM 1.6 x 2.1mm, JEDEC MO-255B 10-Lead, Quad, Ultrathin Molded Leadless Package (UMLP), 1.4 x 1.8mm
Eco Status
RoHS Green
MicroPakTM is a trademark of Fairchild Semiconductor Corporation. For Fairchild's definition of "green" Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
(c) 2007 Fairchild Semiconductor Corporation FSUSB40 * Rev. 1.0.7
www.fairchildsemi.com
FSUSB40 -- Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
(c) 2007 Fairchild Semiconductor Corporation FSUSB40 * Rev. 1.0.7
www.fairchildsemi.com 10


▲Up To Search▲   

 
Price & Availability of FSUSB4008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X